Part Number Hot Search : 
D2004 AMP77 26LS3 14122 11600 B60CFB 1J4B42 D25XB8
Product Description
Full Text Search
 

To Download MBR880 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr870 thru mbr8100 8 amp schottky rectifier 70-100 volts features ? high current capability, low vf ? low power loss, high efficiency ? guard ring for transient protection ? case material: molded plastic. ul flammability ? operating temperature: -55 to +150 ? storage temperature: -55 to +175 ? maximum thermal resistance: r jc = 2.0 /w junction to case mcc part number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mbr870 70v 49v 70v MBR880 80v 56v 80v mbr890 90v 63v 90v mbr8100 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 8a t c = 110 peak forward surge current i fsm 125a 8.3ms, half sine voltage rate of change dv/dt 10000 rated v r maximum instantaneous forward voltage v f .85v .75v .95v .85v i fm = 8a@ t j = 25 i fm = 8a@ t j = 125 i fm = 16a@ t j = 25 i fm = 16a@ t j = 125 maximum dc reverse current at rated dc blocking voltage i r 0.15ma 100ma t j = 25 t j = 125 typical junction capacitance c j 280pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 sec, duty cycle 2% a b c k j i g f e d n m l h pin 1 pin 2 case pin 12  inches mm        a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .100 .135 2.54 3.43 d .230 .270 5.84 6.86 e .380 .420 9.65 10.67 f ------ .250 ------ 6.35 g .500 .580 12.70 14.73 h .190 .210 4.83 5.33 i .020 .045 0.51 1.14 j .012 .025 0.30 0.64 k .139 .161 3.53 4.09 l .140 .190 3.56 4.83 m .045 .055 1.14 1.40 n .080 .115 2.03 2.92  to-220ac i  
omponents 20736 marilla street chatsworth    !"# $
% !"# mcc revision: 2 2006/05 /27 tm micro commercial components maximum ratings classification rating 94v-0 ? marking : type number www. mccsemi .com 1 of 3
fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 25 50 75 100 125 150 fig.1 - forward current derating curve average forward current amperes 25 75 100 125 150 2 0 50 8 175 case temperature , c 8.3ms single half-sine-wave (jedec method) 6 0 4 resistive or inductive load instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.3 0.7 0.8 1.0 10 100 0.4 0.5 0.6 0.1 1.0 0.9 pulse width 300ua instantaneous forward voltage , volts instantaneous forward current ,(a) 0.1 1.0 10 100 0.1 pulse width 300us 2% duty cycle t j = 25 c 10 percent of rated peak reverse voltage ,(%) fig.3 - typical reverse characteristics instantaneous reverse current ,(ma) 20 40 120 140 0 0.001 0.1 1 100 10 60 80 100 t j = 125 c 0.01 t j = 25 c t j = 75 c fig.5 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10 1 100 10000 1000 100 0.1 4 t j = 25 c, f= 1mhz revision: 2 2006/05/27 mbr870 thru mbr8100 mcc tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: 2 2006/05/27 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of MBR880

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X